PART |
Description |
Maker |
MAX3224CUP MAX3224CTP MAX3224CAP MAX3224CPP |
1μA Supply Current, 1Mbps, 3.0V to 5.5V, RS-232 Transceivers with AutoShutdown Plus
|
Maxim Integrated Products http://
|
MAX3224EAP MAX3224EPP MAX3224CAP MAX3225EAP MAX322 |
5V High-Speed RS-232 Transceivers with 0.1uF Capacitors DUAL LINE TRANSCEIVER, PDIP20 5V High-Speed RS-232 Transceivers with 0.1uF Capacitors DUAL LINE TRANSCEIVER, PDSO20 BATTERY LITHIUM 3V RECHARGE 1A Supply Current / 1Mbps / 3.0V to 5.5V / RS-232 Transceivers with AutoShutdown Plus 1uA Supply Current, 1Mbps, 3.0V to 5.5V, RS-232 Transceivers with AutoShutdown Plus
|
Maxim Integrated Products, Inc.
|
5962-9159402MZX 5962-9159403MYX 5962-9159402MTX |
±80V Fault-Protected, 2Mbps, Low Supply Current CAN Transceiver ±80V Fault-Protected/Tolerant CAN Transceivers for In-Car Applications x8的SRAM 3.3V, 1Mbps, Low-Supply-Current CAN Transceiver x8的SRAM
|
Silicon Laboratories, Inc.
|
MAX3188 MAX3188EUT-T MAX3188-MAX3189 MAX3189EUT-T |
1Mbps, 1µA RS-232 Transmitters in SOT23-6 1Mbps, 1μA RS-232 Transmitters in SOT23-6 1Mbps, 1A RS-232 Transmitters in SOT23-6 1Mbps 1A RS-232 Transmitters in SOT23-6 1Mbps, 1レA RS-232 Transmitters in SOT23-6 5V High-Speed RS-232 Transceivers with 0.1uF Capacitors
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc.
|
MAX3311 MAX3311CUB MAX3311EUB MAX3311-MAX3313 MAX3 |
5V High-Speed RS-232 Transceivers with 0.1uF Capacitors 5V的高速RS - 232收发器与0.1uF电容 460kbps, 1µA Supply Current, RS-232-Compatible Transceivers in µMAX LINE TRANSCEIVER, PDSO10 Quad LVDS Receiver with -4 to 5V Common-mode Range 16-TSSOP -40 to 85 Dual LVDS Receiver with -4 to 5V Common-mode Range 8-SOIC -40 to 85 460kbps, 1μA Supply Current, RS-232-Compatible Transceivers in μMAX 460kbps, 1A Supply Current, RS-232-Compatible Transceivers in MAX " 460kbps, 1?A Supply Current, RS-232-Compatible Transceivers in ?MAX" 460kbps 1A Supply Current RS-232-Compatible Transceivers in MAX 460KBPS, 1ヌA SUPPLY CURRENT, RS-232-COMPATIBLE TRANSCEIVERS IN ヌMAX 460kbps, 1レA Supply Current, RS-232-Compatible Transceivers in レMAX 460kbps, 1µA Supply Current, RS-232-Compatible Transceivers in µMAX 460kbps / 1A Supply Current / RS-232-Compatible Transceivers in MAX
|
Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
MAX3243 MAX3221EUE MAX3243EWI MAX3221CUE MAX322103 |
1µA Supply-Current, True 3V to 5.5V RS-232 Transceivers with AutoShutdown LINE TRANSCEIVER, PDSO16 1レA Supply-Current, True 3V to 5.5V RS-232 Transceivers with AutoShutdown 1楼矛A Supply-Current, True 3V to 5.5V RS-232 Transceivers with AutoShutdown 1渭A Supply-Current, True 3V to 5.5V RS-232 Transceivers with AutoShutdown 1μA Supply-Current, True 3V to 5.5V RS-232 Transceivers with AutoShutdown
|
Maxim Integrated Products, Inc.
|
ICL3245EIAZ ICL3225EIAZ ICL3227ECA ICL3227ECAZA IC |
卤15kV ESD Protected, 3V to 5.5V, 1Microamp, 1Mbps, RS-232 Transceivers with Enhanced Automatic Powerdown(卤15kV ESD ?叉?, 3V??5.5V, 1寰??, 1Mbps, RS-232?跺?????锋?澧?己????ㄥ?????? ±15kV ESD Protected, 3V to 5.5V, 1µA, 1Mbps, RS-232 Transceivers with Enhanced Automatic Powerdown; Temperature Range: 0°C to 70°C; Package: 16-SSOP T&R LINE TRANSCEIVER, PDSO16 5kV ESD Protected, 3V to 5.5V, 1Microamp, 1Mbps, RS-232 Transceivers with Enhanced Automatic Powerdown LINE TRANSCEIVER, PDSO16 ±15kV ESD Protected, 3V to 5.5V, 1µA, 1Mbps, RS-232 Transceivers with Enhanced Automatic Powerdown; Temperature Range: -40°C to 85°C; Package: 16-SSOP T&R LINE TRANSCEIVER, PDSO16 ±15kV ESD Protected, 3V to 5.5V, 1Microamp, 1Mbps, RS-232 Transceivers with Enhanced Automatic Powerdown(±15kV ESD 防护, 3V5.5V, 1微安, 1Mbps, RS-232收发器,具有增强型自动关断功 ±15kV ESD Protected, 3V to 5.5V, 1Microamp, 1Mbps, RS-232 Transceivers with Enhanced Automatic Powerdown
|
Intersil, Corp. Intersil Corporation
|
MAX3222E MAX3222E-MAX3246E MAX3232E MAX3237E MAX32 |
-15kV ESD-protected, down to 10nA, 3.0V to5.5V, up to 1Mbps, true RS-232 transceiver. ±15kV ESD-Protected, Down to 10nA, 3.0V to 5.5V,Up to 1Mbps, True RS-232 Transceivers 15kV ESD-Protected Down to 10nA 3.0V to 5.5V Up to 1Mbps True RS-232 Transceivers From old datasheet system 【15kV ESD-Protected, Down to 10nA, 3.0V to 5.5V, Up to 1Mbps, True RS-232 Transceivers
|
Maixm MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
SST89C54-33-AC-NJ SST89C58-33-AC-NJ SST89C54-33-AI |
Voltage Regulator IC; Output Current:150mA; Output Voltage:3.3V; Package/Case:5-SOT-23; Supply Voltage Max:6V; Current Rating:150mA; Leaded Process Compatible:No; Output Current Max:150mA; Output Voltage Max:3.3V Linear Voltage Regulator IC; Output Current Max:150mA; Supply Voltage Max:6V; Package/Case:5-SOT-23; Current Rating:150mA; Leaded Process Compatible:No; Output Voltage Max:5V; Peak Reflow Compatible (260 C):No Replaced by PT78ST133 : 3.3Vout 1.5A Wide Input Positive Step-Down ISR 3-SIP MODULE -40 to 85 Voltage Regulator IC; Output Current:150mA; Output Voltage:2.6V; Package/Case:5-SOT-23; Supply Voltage Max:6V; Current Rating:150mA; Leaded Process Compatible:No; Output Current Max:150mA; Output Voltage Max:2.6V Linear Voltage Regulator IC; Package/Case:5-SOT-23; Current Rating:150mA; Leaded Process Compatible:No; Output Voltage Max:5V; Peak Reflow Compatible (260 C):No; Reel Quantity:3000; Voltage Regulator Type:Low Dropout (LDO) RoHS Compliant: No Linear Voltage Regulator IC; Output Current Max:150mA; Supply Voltage Max:6V; Package/Case:5-SOT-23; Current Rating:150mA; Leaded Process Compatible:No; Output Voltage Max:2.85V; Peak Reflow Compatible (260 C):No Linear Voltage Regulator IC; Output Current Max:150mA; Supply Voltage Max:6V; Package/Case:5-SOT-23; Current Rating:150mA; Leaded Process Compatible:No; Output Voltage Max:3V; Peak Reflow Compatible (260 C):No Linear Voltage Regulator IC; Output Current Max:150mA; Supply Voltage Max:6V; Package/Case:5-SOT-23; Current Rating:150mA; Leaded Process Compatible:No; Output Voltage Max:1.8V; Peak Reflow Compatible (260 C):No Voltage Regulator IC; Output Current:500mA; Output Voltage:1.215V; Package/Case:8-MLP33; Supply Voltage Max:6V; Current Rating:500mA; Leaded Process Compatible:No; Output Current Max:500mA; Output Voltage Max:1.215V FlashFlex51 MCU FlashFlex51单片
|
Silicon Storage Technology, Inc. SILICON STORAGE TECHNOLOGY INC
|
MAX810SN293D2T1G MAX809SN293D1T1G MAX810SN293D3T1G |
Rectifier Diodes; Mounting style: Surface mount; Package size: 2.9x1.6(t=1.0); Number of terminal: 5; Application: General Purpose Rectifier Diodes; Repetitive peak reverse voltage VRM(V): 400; Average rectified forward current IO(A): 0.5; Very Low Supply Current 3−Pin Microprocessor Reset Monitors 1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO3
|
ON Semiconductor
|
|